PART |
Description |
Maker |
AS5C4008F-35 AS5C4008F-35_H AS5C4008F-35_LH AS5C40 |
512K x 8 SRAM SRAM MEMORY ARRAY 512K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, LCC-32 512K X 8 STANDARD SRAM, 17 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 35 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 12 ns, CDIP32 512K X 8 STANDARD SRAM, 25 ns, CQCC32 512K X 8 STANDARD SRAM, CDSO32 512K X 8 STANDARD SRAM, 15 ns, CDSO32 512K X 8 STANDARD SRAM, 12 ns, CDFP32
|
Austin Semiconductor, Inc Micross Components AUSTIN SEMICONDUCTOR INC
|
AT60142E-DC15SMV AT60142E-DC15SSB AT60142E-DC20M A |
IND 3.3UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF SWITCH Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 15 ns, DFP36 Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 20 ns, DFP36
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AS7C33512FT32_36A AS7C33512FT32_36A.V1.4 AS7C33512 |
3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 39Vz 6.5mA-Izt 0.05 5uA-Ir 29.7Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 27Vz 9.5mA-Izt 0.05 5uA-Ir 20.6Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71V424L IDT71V424S10PH IDT71V424S10PHG IDT71V42 |
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT) 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TRANS NPN W/RES 60 HFE NS-B1 512K X 8 STANDARD SRAM, 10 ns, PDSO36 TRANS NPN W/RES 80 HFE NS-B1 3.3V 512K x 8 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
UPD444008 UPD444008LE-12 UPD444008LE-10 UPD444008L |
512K X 8 STANDARD SRAM, 12 ns, PDSO36 0.400 INCH, PLASTIC, SOJ-36 4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
|
NEC Corp.
|
WMS512K8-45FFC WMS512K8-45FFCA WMS512K8-45FFMA WMS |
512K X 8 STANDARD SRAM, 45 ns, DFP32 512K X 8 STANDARD SRAM, 17 ns, CDIP32 512K X 8 STANDARD SRAM, 55 ns, CDIP32
|
WHITE ELECTRONIC DESIGNS CORP MICROSEMI CORP-PMG MICROELECTRONICS
|
AS7C3512K18P-4TQC AS7C3512K18P-4BC AS7C3512K18P-3. |
512K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 512K X 18 STANDARD SRAM, 4 ns, PBGA119 CSP, FBGA-119 512K X 18 STANDARD SRAM, 3.5 ns, PQFP100 14 X 20 MM, TQFP-100 512K X 18 STANDARD SRAM, 3.8 ns, PQFP100 14 X 20 MM, TQFP-100 512K X 18 STANDARD SRAM, 3.5 ns, PBGA119 CSP, FBGA-119 512K X 18 STANDARD SRAM, 5 ns, PBGA119 CSP, FBGA-119
|
Alliance Semiconductor, Corp.
|
33LV408RPFE-30 33LV408RPFS-30 33LV408RPFI-30 33LV4 |
4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 30 ns, DFP32 4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 30 ns, PDFP32 4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 20 ns, PDFP32 4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 25 ns, PDFP32 4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 25 ns, DFP32 4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 20 ns, DFP32
|
Maxwell Technologies, Inc
|
AS7C33512PFD18A-133TQCN AS7C33512PFD18A-133TQIN AS |
3.3V 512K x 18 pipeline burst synchronous SRAM 512K X 18 STANDARD SRAM, 4.5 ns, PQFP100 3.3V 512K x 18 pipeline burst synchronous SRAM 512K X 18 STANDARD SRAM, 4 ns, PQFP100
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corp...
|
|